Part Number Hot Search : 
2SK2672 MC3346 78L08 R16V2 MSZ52 4004AT 2N5301 321EJ1V
Product Description
Full Text Search
 

To Download EPZ3002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Choke
ELECTRONICS INC.
EPZ3002G
* Noise Suppression Choke * UL94V-0 Recognized Components * UL1446 Class B Insulation Systems * 2.5 A Max. Rated Current * 10K PERM Materials * 500 Vrms Isolation
Electrical Parameters @ 25 C
Inductance (mH 30%) @10 KHz, 0.1 Vrms 3.0 Pins 1-2, 3-4 DCR (m Max.) Matched with 5% 80 Pins 1-2, 3-4 1:1 Pins 1-2 : 3-4 1.5 37 Turns Ratio SRF (MHz Typ. ) Temp. Rise @ 2.5 A (C Typ. )
Schematic
10K 9K 8K 7K 6K 5K 4K 3K 2K 1K 0 0.1 MHz
Impedance (mp)
1 4
2 3
1.0 MHz Frequency
10 MHz
20 MHz
Package
.670 Max. (17.02)
1 .770 PCA EPZ3002G Max. D.C. 3 4 (19.56) 2
.175 (4.45)
2 1
.060 (1.52)
.660 (16.76)
3 4
.445 (11.30) .390 Max. (9.91) .660 (16.76)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSZ3002G Rev. 3 10/27/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPZ3002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X